PART |
Description |
Maker |
EL5427CRZ-T7 EL5127 EL5127CY EL5127CY-T13 EL5127CY |
2.5MHz 4, 8, 10 & 12 Channel Rail-to-Rail Buffers 12 BUFFER AMPLIFIER, QCC32 2.5MHz 4, 8, 10 & 12 Channel Rail-to-Rail Buffers OCTAL BUFFER AMPLIFIER, QCC24 2.5MHz 4, 8, 10 & 12 Channel Rail-to-Rail Buffers QUAD BUFFER AMPLIFIER, PDSO10 2.5MHz 4, 8, 10 & 12 Channel Rail-to-Rail Buffers
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
ISL28448 ISL28448FVZ ISL28448FVZ-T7 ISL28248 ISL28 |
4.5MHz, Single Dual and Quad Precision Rail-to-Rail Input-Output (RRIO) Op Amps with Very Low Input Bias Current
|
Intersil Corporation
|
AD7305 AD7305BN AD7305BR AD7305BRU AD7305YR AD7304 |
3V/ 5V, Rail-to-Rail Quad, 8-Bit DAC Parallel-IN 3V/ 5V, Rail-to-Rail Quad, 8-Bit DAC Serial-IN 3 V/ 5 V Rail-to-Rail Quad 8-Bit DAC 3 V/ 5 V/ Rail-to-Rail Quad/ 8-Bit DAC ECONOLINE: REC2.2-S_DR/H1 - 2.2W DIP Package- 1kVDC Isolation- Regulated Output- UL94V-0 Package Material- Continuous Short Circiut Protection ECONOLINE: REC2.2-S_DRW(Z)/H* - 2.2W DIP Package- 1kVDC Isolation- Regulated Output- 4.5-9V, 9-18V, 18-36V, 36-72V Wide Input Range 2 : 1- UL94V-0 3 V/ 5 V, Rail-to-Rail Quad, 8-Bit DAC SERIAL INPUT LOADING, 1 us SETTLING TIME, 8-BIT DAC, PDSO16
|
AD[Analog Devices] Analog Devices, Inc.
|
ISL28238 |
4.5MHz, Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Op Amps with Very Low Input Bias Current(具有极低输入偏流.5MHz, 双精密轨对轨输入-输出(RRIO)运放) 4.5MHz,单和双精密轨至轨输入,输出(RRIO)运算放大器,极低的输入偏置电流(具有极低输入偏流的4.5MHz,单/双精密轨对轨输入-输出(RRIO)运放)
|
Intersil, Corp.
|
MAX4091 MAX4091ASA MAX4091AUA MAX4091AUK-T MAX4091 |
Single/Dual/Quad, Micropower, Single-Supply, Rail-to-Rail Op Amps OP-AMP, 3500 uV OFFSET-MAX, 0.5 MHz BAND WIDTH, PDSO8 Single/Dual/Quad / Micropower / Single-Supply / Rail-to-Rail Op Amps Single/Dual/Quad Micropower Single-Supply Rail-to-Rail Op Amps "Dual, Micropower, Single-Supply, Rail-to-Rail I/O Op Amp" "Single, Micropower, Single-Supply, Rail-to-Rail I/O Op Amp in SOT23" "Quad, Micropower, Single-Supply, Rail-to-Rail I/O Op Amp"
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
MAX4493 MAX4493AUK-T MAX4493AXK-T MAX4494 MAX4494A |
SC70 Low-Power General-Purpose Dual-Supply Rail-to-Rail Op Amps "Quad, 10V, Low-Cost, 5MHz, Rail-to-Rail Op Amp in TSSOP" SC70, Low-Power, General-Purpose, Dual-Supply, Rail-to-Rail Op Amps SC70 / Low-Power / General-Purpose / Dual-Supply / Rail-to-Rail Op Amps
|
MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
EL502707 EL5027IWTZ-T7 EL5027IWTZ-T7A |
Dual 2.5MHz Rail-to-Rail Input-Output Buffer
|
Intersil Corporation
|
OP747AR OP747ARU OP727 OP727AR OP727ARU OP777ARM O |
Precision Single Rail-to-Rail Output Single Supply Amplifier Precision Dual Rail-to-Rail Output Single Supply Amplifer Preliminary Precision Quad Rail-to-Rail Output Single Supply Amplifier; Package: SOIC; No of Pins: 14; Temperature Range: Industrial QUAD OP-AMP, 300 uV OFFSET-MAX, 0.7 MHz BAND WIDTH, PDSO14 Precision Quad Rail-to-Rail Output Single Supply Amplifier; Package: TSSOP; No of Pins: 14; Temperature Range: Industrial Precision Micropower Single-Supply Operational Amplifiers
|
AD[Analog Devices] Analog Devices, Inc. ANALOG DEVICES INC
|
KBPC106 KBPC104 KBPC102 BR310 KBPC108 |
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER Automotive Catalog Advanced LinCMOS Rail-to-Rail Very Low-Power Operational Amplifier 14-SOIC -40 to 125 Quad Rail-To-Rail uPower Operational Amplifier 14-SOIC
|
DC Components Co., Ltd. http://
|
MAX4330 MAX4330EUK-T MAX4331 MAX4331ESA MAX4331EUA |
Single/Dual/Quad, Low-Power, Single-Supply, Rail-to-Rail I/O Op Amps with Shutdown OP-AMP, 700 uV OFFSET-MAX, 3 MHz BAND WIDTH, PDSO8 Single/Dual/Quad, Low-Power, Single-Supply,Rail-to-Rail I/O Op Amps with Shutdown Single/Dual/Quad / Low-Power / Single-Supply / Rail-to-Rail I/O Op Amps with Shutdown
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] Maixm MAXIM - Dallas Semiconductor
|
LT1885 LT1884 LT1884CS8TR |
Quad Rail-to-Rail Output, Picoamp Input Precision Op Amps(四路,满幅度输微微安培输入精密运算放大 Dual Rail-to-Rail Output, Picoamp Input Precision Op Amps(双路,满幅度输微微安培输入精密运算放大 Dual/Quad Rail-to-Rail Output, Picoamp Input Precision Op Amps; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C DUAL OP-AMP, 150 uV OFFSET-MAX, 2.2 MHz BAND WIDTH, PDSO8
|
Linear Technology Corporation Linear Technology, Corp.
|